PART |
Description |
Maker |
2SD773 2SD773U4 2SD773-L2-AZ |
2000 mA, 16 V, NPN, Si, SMALL SIGNAL TRANSISTOR TRANSISTOR | BJT | NPN | 16V V(BR)CEO | 2A I(C) | TO-221VAR NPN SILICON TRANSISTOR From old datasheet system
|
NEC Corp. NEC[NEC]
|
FCX688B FCX688BTA |
TRANSISTOR NPN 12V 3000MA SOT-89 3000 mA, 12 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN SILICON POWER (SWITCHING) TRANSISTOR
|
Zetex Semiconductor PLC Zetex Semiconductors
|
MJ802 |
High-Power NPN Silicon Transistor 30 A, 90 V, NPN, Si, POWER TRANSISTOR, TO-204AA 30 AMPERE POWER TRANSISTOR NPN SILICON 100 VOLTS 200 WATTS
|
Motorola, Inc. ONSEMI[ON Semiconductor]
|
50N06-TA3-T 50N06-TF3-T 2SA102005 2SA1797-X-AA3-R |
SILICON PNP EPITAXIAL TRANSISTOR 2000 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR SILICON PNP EPITAXIAL TRANSISTOR 进步党硅外延晶体 REVERSIBLE MOTOR DRIVER NPN EPITAXIAL PLANAR TRANSISTOR HIGH CURRENT SWITCHIG APPLICATIONS HIGH CURRENT SWITCHING APPLICATIONS HIGH VOLTAGE NPN TRANSISTOR HIGH VOLTAGE AND HIGH RELIABILITY TRANSISTOR NPN SILICON TRANSISTOR HIGH FREQUENCY AMPLIFIER TRANSISTOR, RF SWITCHING (6V, 50mA) HIGH-FREQUENCY AMPLIFIER TRANSISTOR AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR SILICON PNP TRANSISTOR LOW FREQUENCY PNP TRANSISTOR MEDIUM POWER LOW VOLTAGE TRANSISTOR MEDIUM POWER TRANSISTOR LOW FREQUENCY AMPLIFIER PNP EPITAXIAL SILICON TRANSISTOR PNP EPITAXIAL PLANAR TRANSISTOR 50 Amps, 60 Volts N-CHANNEL POWER MOSFET
|
UNISONIC TECHNOLOGIES CO LTD ??『绉???′唤?????? Unisonic Technologies Co., Ltd. 友顺科技股份有限公司 UTC[Unisonic Technologies]
|
FZT1047A |
NPN Low Sat Transistor NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR SOT223 NPN SILICON PLANAR
|
Zetex Semiconductors Diodes Incorporated
|
KSC1623LMTF KSC1623GMTFNL KSC1623O |
NPN Epitaxial Silicon Transistor; Package: SOT-23; No of Pins: 3; Container: Tape & Reel 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN Epitaxial Silicon Transistor 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR Low Frequency Amplifier & High Frequency OSC. 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Fairchild Semiconductor, Corp.
|
BFS17S |
RF-Bipolar - NPN Silicon RF dual transistor array (2xBFS17W) for broadband amplifiers NPN Silicon RF Transistor
|
Infineon Technologies AG
|
2SD1616A 2SD1616 D1616 2SD1616AU 2SD1616-L |
1000 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN SILICON TRANSISTORS NPN硅三极管 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 1A I(C) | TO-92
|
NEC, Corp. NEC Corp. NEC[NEC]
|
KSD471AYTA KSD471AYBUNL |
NPN Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Ammo 1000 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Epitaxial Silicon Transistor 1000 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
BFP650 |
Digital Transistors - NPN SiGe RF Transistor, high power amplifiers, low noise RF transistor in SOT343 Package, 4V, 150mA NPN Silicon Germanium RF Transistor
|
Infineon Technologies AG
|
|